Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 190 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 190 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 186Page - ATMEL Corporation ATtiny261 Datasheet HTML 187Page - ATMEL Corporation ATtiny261 Datasheet HTML 188Page - ATMEL Corporation ATtiny261 Datasheet HTML 189Page - ATMEL Corporation ATtiny261 Datasheet HTML 190Page - ATMEL Corporation ATtiny261 Datasheet HTML 191Page - ATMEL Corporation ATtiny261 Datasheet HTML 192Page - ATMEL Corporation ATtiny261 Datasheet HTML 193Page - ATMEL Corporation ATtiny261 Datasheet HTML 194Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 227 page
background image
190
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
23.4.3
External Clock Drive
23.5
System and Reset Characteristics
Notes:
1. Values are guidelines only.
Table 23-2.
External Clock Drive
Symbol
Parameter
VCC = 2.7 - 5.5V
VCC = 4.5 - 5.5V
Units
Min.
Max.
Min.
Max.
1/tCLCL
Clock Frequency
0
8
0
16
MHz
tCLCL
Clock Period
125
62.5
ns
tCHCX
High Time
40
20
ns
tCLCX
Low Time
40
20
ns
tCLCH
Rise Time
1.6
0.5
µs
tCHCL
Fall Time
1.6
0.5
µs
Δt
CLCL
Change in period from one clock cycle to the next
2
2
%
Table 23-3.
Reset, Brown-out and Internal Voltage Characteristics
(1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
tRST
Minimum pulse width on
RESET Pin
VCC = 3V
2.5
µs
VHYST
Brown-out Detector Hysteresis
50
mV
tBOD
Min Pulse Width on Brown-out
Reset
2µs
VBG
Bandgap reference voltage
VCC = 3.0V,
T
A =25°C
1.0
1.1
1.2
V
tBG
Bandgap reference start-up
time
V
CC = 2.7V,
TA =25°C
40
70
µs
IBG
Bandgap reference current
consumption
V
CC = 2.7V,
TA =25°C
15
µA
Table 23-4.
BODLEVEL Fuse Coding(1)
BODLEVEL [2..0] Fuses
Min V
BOT
Typ V
BOT
Max V
BOT
Units
111
BOD Disabled
110
1.68
1.8
1.92
V
101
2.5
2.7
2.9
100
4.0
4.3
4.6
011
Reserved
010
001
000
Note:
1. V
BOT may be below nominal minimum operating voltage for some devices. For devices where
this is the case, the device is tested down to VCC = VBOT during the production test. This guar-
antees that a Brown-out Reset will occur before V
CC drops to a voltage where correct
operation of the microcontroller is no longer guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com