Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 195 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 195 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 191Page - ATMEL Corporation ATtiny261 Datasheet HTML 192Page - ATMEL Corporation ATtiny261 Datasheet HTML 193Page - ATMEL Corporation ATtiny261 Datasheet HTML 194Page - ATMEL Corporation ATtiny261 Datasheet HTML 195Page - ATMEL Corporation ATtiny261 Datasheet HTML 196Page - ATMEL Corporation ATtiny261 Datasheet HTML 197Page - ATMEL Corporation ATtiny261 Datasheet HTML 198Page - ATMEL Corporation ATtiny261 Datasheet HTML 199Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 227 page
background image
195
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
Figure 23-5. Parallel Programming Timing, Reading Sequence (within the Same Page) with
Timing Requirements(1)
Note:
1. The timing requirements shown in Figure 23-3 (i.e., tDVXH, tXHXL, and tXLDX) also apply to read-
ing operation.
Notes:
1.
tWLRH is valid for the Write Flash, Write EEPROM, Write Fuse bits and Write Lock bits
commands.
2. t
WLRH_CE is valid for the Chip Erase command.
Table 23-7.
Parallel Programming Characteristics, V
CC = 5V ± 10%
Symbol
Parameter
Min
Typ
Max
Units
VPP
Programming Enable Voltage
11.5
12.5
V
IPP
Programming Enable Current
250
µA
tDVXH
Data and Control Valid before XTAL1 High
67
ns
tXLXH
XTAL1 Low to XTAL1 High
200
ns
tXHXL
XTAL1 Pulse Width High
150
ns
tXLDX
Data and Control Hold after XTAL1 Low
67
ns
tXLWL
XTAL1 Low to WR Low
0
ns
tBVPH
BS1 Valid before PAGEL High
67
ns
tPHPL
PAGEL Pulse Width High
150
ns
tPLBX
BS1 Hold after PAGEL Low
67
ns
tWLBX
BS2/1 Hold after WR Low
67
ns
tPLWL
PAGEL Low to WR Low
67
ns
tBVWL
BS1 Valid to WR Low
67
ns
tWLWH
WR Pulse Width Low
150
ns
tWLRL
WR Low to RDY/BSY Low
0
1
µs
tWLRH
WR Low to RDY/BSY High
(1)
3.7
4.5
ms
tWLRH_CE
WR Low to RDY/BSY High for Chip Erase
(2)
7.5
9
ms
tXLOL
XTAL1 Low to OE Low
0
ns
tBVDV
BS1 Valid to DATA valid
0
250
ns
tOLDV
OE Low to DATA Valid
250
ns
tOHDZ
OE High to DATA Tri-stated
250
ns
XTAL1
OE
ADDR0 (Low Byte)
DATA (Low Byte)
DATA (High Byte)
ADDR1 (Low Byte)
DATA
PAGEL/BS1
XA0
XA1/BS2
LOAD ADDRESS
(LOW BYTE)
READ DATA
(LOW BYTE)
READ DATA
(HIGH BYTE)
LOAD ADDRESS
(LOW BYTE)
t
BVDV
t
OLDV
t
XLOL
t
OHDZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com