Electronic Components Datasheet Search
  English  ▼

X  

ATtiny261 Datasheet(PDF) 211 Page - ATMEL Corporation

Part # ATtiny261
Description  8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny261 Datasheet(HTML) 211 Page - ATMEL Corporation

Back Button ATtiny261 Datasheet HTML 207Page - ATMEL Corporation ATtiny261 Datasheet HTML 208Page - ATMEL Corporation ATtiny261 Datasheet HTML 209Page - ATMEL Corporation ATtiny261 Datasheet HTML 210Page - ATMEL Corporation ATtiny261 Datasheet HTML 211Page - ATMEL Corporation ATtiny261 Datasheet HTML 212Page - ATMEL Corporation ATtiny261 Datasheet HTML 213Page - ATMEL Corporation ATtiny261 Datasheet HTML 214Page - ATMEL Corporation ATtiny261 Datasheet HTML 215Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 227 page
background image
211
7753C–AVR–07/09
ATtiny261/ATtiny461/ATtiny861
26. Instruction Set Summary
Mnemonics
Operands
Description
Operation
Flags
#Clocks
ARITHMETIC AND LOGIC INSTRUCTIONS
ADD
Rd, Rr
Add two Registers
Rd
←Rd + Rr
Z,C,N,V,H
1
ADC
Rd, Rr
Add with Carry two Registers
Rd
←Rd + Rr + C
Z,C,N,V,H
1
ADIW
Rdl,K
Add Immediate to Word
Rdh:Rdl
←Rdh:Rdl + K
Z,C,N,V,S
2
SUB
Rd, Rr
Subtract two Registers
Rd
←Rd - Rr
Z,C,N,V,H
1
SUBI
Rd, K
Subtract Constant from Register
Rd
←Rd - K
Z,C,N,V,H
1
SBC
Rd, Rr
Subtract with Carry two Registers
Rd
←Rd - Rr - C
Z,C,N,V,H
1
SBCI
Rd, K
Subtract with Carry Constant from Reg.
Rd
←Rd - K - C
Z,C,N,V,H
1
SBIW
Rdl,K
Subtract Immediate from Word
Rdh:Rdl
←Rdh:Rdl - K
Z,C,N,V,S
2
AND
Rd, Rr
Logical AND Registers
Rd
←Rd • Rr
Z,N,V
1
ANDI
Rd, K
Logical AND Register and Constant
Rd
←Rd • K
Z,N,V
1
OR
Rd, Rr
Logical OR Registers
Rd
←Rd v Rr
Z,N,V
1
ORI
Rd, K
Logical OR Register and Constant
Rd
←Rd v K
Z,N,V
1
EOR
Rd, Rr
Exclusive OR Registers
Rd
←Rd ⊕ Rr
Z,N,V
1
COM
Rd
One’s Complement
Rd
←0xFF −Rd
Z,C,N,V
1
NEG
Rd
Two’s Complement
Rd
←0x00 −Rd
Z,C,N,V,H
1
SBR
Rd,K
Set Bit(s) in Register
Rd
←Rd v K
Z,N,V
1
CBR
Rd,K
Clear Bit(s) in Register
Rd
←Rd • (0xFF - K)
Z,N,V
1
INC
Rd
Increment
Rd
←Rd + 1
Z,N,V
1
DEC
Rd
Decrement
Rd
←Rd −1
Z,N,V
1
TST
Rd
Test for Zero or Minus
Rd
←Rd • Rd
Z,N,V
1
CLR
Rd
Clear Register
Rd
←Rd ⊕ Rd
Z,N,V
1
SER
Rd
Set Register
Rd
←0xFF
None
1
BRANCH INSTRUCTIONS
RJMP
k
Relative Jump
PC
←PC + k + 1
None
2
IJMP
Indirect Jump to (Z)
PC
←Z
None
2
RCALL
k
Relative Subroutine Call
PC
←PC + k + 1
None
3
ICALL
Indirect Call to (Z)
PC
←ZNone
3
RET
Subroutine Return
PC
←STACK
None
4
RETI
Interrupt Return
PC
←STACK
I
4
CPSE
Rd,Rr
Compare, Skip if Equal
if (Rd = Rr) PC
←PC + 2 or 3
None
1/2/3
CP
Rd,Rr
Compare
Rd
−Rr
Z, N,V,C,H
1
CPC
Rd,Rr
Compare with Carry
Rd
−Rr −C
Z, N,V,C,H
1
CPI
Rd,K
Compare Register with Immediate
Rd
−K
Z, N,V,C,H
1
SBRC
Rr, b
Skip if Bit in Register Cleared
if (Rr(b)=0) PC
←PC + 2 or 3
None
1/2/3
SBRS
Rr, b
Skip if Bit in Register is Set
if (Rr(b)=1) PC
←PC + 2 or 3
None
1/2/3
SBIC
P, b
Skip if Bit in I/O Register Cleared
if (P(b)=0) PC
←PC + 2 or 3
None
1/2/3
SBIS
P, b
Skip if Bit in I/O Register is Set
if (P(b)=1) PC
←PC + 2 or 3
None
1/2/3
BRBS
s, k
Branch if Status Flag Set
if (SREG(s) = 1) then PC
←PC+k + 1
None
1/2
BRBC
s, k
Branch if Status Flag Cleared
if (SREG(s) = 0) then PC
←PC+k + 1
None
1/2
BREQ
k
Branch if Equal
if (Z = 1) then PC
←PC + k + 1
None
1/2
BRNE
k
Branch if Not Equal
if (Z = 0) then PC
←PC + k + 1
None
1/2
BRCS
k
Branch if Carry Set
if (C = 1) then PC
←PC + k + 1
None
1/2
BRCC
k
Branch if Carry Cleared
if (C = 0) then PC
←PC + k + 1
None
1/2
BRSH
k
Branch if Same or Higher
if (C = 0) then PC
←PC + k + 1
None
1/2
BRLO
k
Branch if Lower
if (C = 1) then PC
←PC + k + 1
None
1/2
BRMI
k
Branch if Minus
if (N = 1) then PC
←PC + k + 1
None
1/2
BRPL
k
Branch if Plus
if (N = 0) then PC
←PC + k + 1
None
1/2
BRGE
k
Branch if Greater or Equal, Signed
if (N
⊕ V= 0) then PC ←PC + k + 1
None
1/2
BRLT
k
Branch if Less Than Zero, Signed
if (N
⊕ V= 1) then PC ←PC + k + 1
None
1/2
BRHS
k
Branch if Half Carry Flag Set
if (H = 1) then PC
←PC + k + 1
None
1/2
BRHC
k
Branch if Half Carry Flag Cleared
if (H = 0) then PC
←PC + k + 1
None
1/2
BRTS
k
Branch if T Flag Set
if (T = 1) then PC
←PC + k + 1
None
1/2
BRTC
k
Branch if T Flag Cleared
if (T = 0) then PC
←PC + k + 1
None
1/2
BRVS
k
Branch if Overflow Flag is Set
if (V = 1) then PC
←PC + k + 1
None
1/2
BRVC
k
Branch if Overflow Flag is Cleared
if (V = 0) then PC
←PC + k + 1
None
1/2
BRIE
k
Branch if Interrupt Enabled
if ( I = 1) then PC
←PC + k + 1
None
1/2
BRID
k
Branch if Interrupt Disabled
if ( I = 0) then PC
←PC + k + 1
None
1/2
BIT AND BIT-TEST INSTRUCTIONS
SBI
P,b
Set Bit in I/O Register
I/O(P,b)
←1None
2
CBI
P,b
Clear Bit in I/O Register
I/O(P,b)
←0None
2
LSL
Rd
Logical Shift Left
Rd(n+1)
←Rd(n), Rd(0) ←0
Z,C,N,V
1
LSR
Rd
Logical Shift Right
Rd(n)
←Rd(n+1), Rd(7) ←0
Z,C,N,V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com