Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
ST7036
V1.7a
2007/10/17
26/70
instruction table at “Extension mode”
(when “EXT” option pin connect to VSS, the instruction set follow below table)
Instruction Code
Instruction
Execution Time
Instruction
RS R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
Description
OSC=
380kHz
OSC=
540kHz
OSC=
700kHz
Clear
Display
0
0
0
0
0
0
0
0
0
1
Write "20H" to DDRAM. and set
DDRAM address to "00H" from AC
1.08
ms
0.76
ms
0.59
ms
Return
Home
0
0
0
0
0
0
0
0
1
x
Set DDRAM address to "00H" from
AC and return cursor to its original
position if shifted. The contents of
DDRAM are not changed.
1.08
ms
0.76
ms
0.59
ms
Entry Mode
Set
0
0
0
0
0
0
0
1
I/D
S
Sets cursor move direction and
specifies display shift. These
operations are performed during
data write and read.
26.3 µs 18.5 µs 14.3 µs
Display
ON/OFF
0
0
0
0
0
0
1
D
C
B
D=1:entire display on
C=1:cursor on
B=1:cursor position on
26.3 µs 18.5 µs 14.3 µs
Function Set 0
0
0
0
1
DL
N
DH
IS2
IS1
DL: interface data is 8/4 bits
N: number of line is 2/1
DH: double height font
IS[2:1]: instruction table select
26.3 µs 18.5 µs 14.3 µs
Set DDRAM
Address
0
0
1
AC6 AC5 AC4 AC3 AC2 AC1 AC0
Set DDRAM address in address
counter
26.3 µs 18.5 µs 14.3 µs
Read Busy
Flag and
Address
0
1
BF AC6 AC5 AC4 AC3 AC2 AC1 AC0
Whether during internal operation or
not can be known by reading BF.
The contents of address counter
can also be read.
0
0
0
Write Data
to RAM
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Write data into internal RAM
(DDRAM/CGRAM/ICONRAM)
26.3 µs 18.5 µs 14.3 µs
Read Data
from RAM
1
1
D7
D6
D5
D4
D3
D2
D1
D0
Read data from internal RAM
(DDRAM/CGRAM/ICONRAM)
26.3 µs 18.5 µs 14.3 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com