Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
ST7036
V1.7a
2007/10/17
57/70
DC Characteristics
(VDD = 4.5 V ,TA = -35℃ to 85℃)
Symbol Characteristics
Test Condition
Min.
Typ. Max.
Unit
VDD
Operating Voltage
-
4.5
-
5.5
V
VLCD
LCD Voltage
V0-Vss
2.7
-
7.0
V
VIN
Power Supply
-
-
-
3.5
V
IDD
Power Supply Current
VDD=5.0V
(Use internal
booster/follower circuit)
-
240
340
µA
VIH1
Input High Voltage
(Except OSC1)
-
0.7
VDD
-
VDD
V
VIL1
Input Low Voltage
(Except OSC1)
-
-0.3
-
0.8
V
VIH2
Input High Voltage
(OSC1)
-
0.7
VDD
-
VDD
V
VIL2
Input Low Voltage
(OSC1)
-
-
-
1.0
V
VOH
Output High Voltage
(DB0 - DB7)
IOH = -1.0mA
0.8
VDD
-
VDD
V
VOL
Output Low Voltage
(DB0 - DB7)
IOL = 1.0mA
-
-
0.8
V
RCOM
Common Resistance
VLCD = 4V, Id = 0.05mA
-
2
20
K
Ω
RSEG
Segment Resistance
VLCD = 4V, Id = 0.05mA
-
2
30
K
Ω
ILEAK
Input Leakage
Current
VIN = 0V to VDD
-1
-
1
µA
IPUP
Pull Up MOS Current
VDD = 5V
65
95
125
µA
fOSC
Oscillation frequency
VDD = 5V,1/17duty
350
540
1100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com