Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
ST7036
V1.7a
2007/10/17
60/70
1/8 Duty(ST7066U normal mode); Assume the oscillation frequency is 540KHZ, 1 clock cycle time =
1.85us, 1/8 duty; 1/4 bias,1 frame = 1.85us x 400 x 8 = 5.92ms=168.9Hz(SHLC and SHLS connect to
High)
1
2
3
4
8
1
2
3
4
8
1
2
3
4
8
V0
V1
V2
V3
V4
Vss
COM1
V0
V1
V4
Vss
COM2
V0
V1
V4
Vss
COM8
V0
V1
V4
Vss
SEGx off
V0
V1
V4
Vss
1 frame
SEGx on
V2
V3
V2
V3
V2
V3
V2
V3
400 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com