| Electronic Components Datasheet Search |
|
ST7036 Datasheet(PDF) 33 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7036 Datasheet(HTML) 33 Page - Sitronix Technology Co., Ltd. |
|
33 / 70 page ![]() ST7036 V1.7a 2007/10/17 33/70 Set CGRAM Address Set CGRAM address to AC. This instruction makes CGRAM data available from MPU. Set DDRAM Address Set DDRAM address to AC. This instruction makes DDRAM data available from MPU. When 1-line display mode (N = 0), DDRAM address is from "00H" to "4FH". In 2-line display mode (N = 1), DDRAM address in the 1st line is from "00H" to "27H", and DDRAM address in the 2nd line is from "40H" to "67H". In 3-line display mode (N3=1, N=1), DDRAM address in the 1st line is from “00H” to “OFH”, DDRAM in the 2nd line is from “10H” to “1FH”, and DDRAM in the 3rd line is from “20H” to “2FH”. Read Busy Flag and Address When BF = “High”, indicates that the internal operation is being processed. So during this time the next instruction cannot be accepted. The address Counter (AC) stores DDRAM/CGRAM addresses, transferred from IR. After writing into (reading from) DDRAM/CGRAM, AC is automatically increased (decreased) by 1. Write Data to CGRAM,DDRAM or ICON RAM Write binary 8-bit data to CGRAM,DDRAM or ICON RAM The selection of RAM from DDRAM, CGRAM or ICON RAM, is set by the previous address set instruction : DDRAM address set, CGRAM address set, ICON RAM address set. RAM set instruction can also determine the AC direction to RAM. After write operation, the address is automatically increased/decreased by 1, according to the entry mode. 0 0 1 0 AC4 AC5 AC2 AC3 AC0 AC1 R/W RS DB6 DB7 DB4 DB5 DB2 DB3 DB0 DB1 0 0 AC6 1 AC4 AC5 AC2 AC3 AC0 AC1 R/W RS DB6 DB7 DB4 DB5 DB2 DB3 DB0 DB1 1 0 AC6 BF AC4 AC5 AC2 AC3 AC0 AC1 R/W RS DB6 DB7 DB4 DB5 DB2 DB3 DB0 DB1 0 1 D6 D7 D4 D5 D2 D3 D0 D1 R/W RS DB6 DB7 DB4 DB5 DB2 DB3 DB0 DB1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |