Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
ST7036
V1.7a
2007/10/17
23/70
Character Code
(DDRAM Data)
CGRAM
Address
Character Patterns
(CGRAM Data)
b7 b6 b5 b4 b3 b2 b1 b0 b5 b4 b3 b2 b1 b0 b7 b6 b5 b4 b3 b2 b1 b0
0
0
0
0
0
0
1
1
1
1
1
0
0
0
0
0
1
0
0
1
0
0
0
0
0
0
1
0
0
0
1
0
0
0
0
0
0
1
1
0
0
1
0
0
0
0
0
1
0
0
0
0
1
0
0
0
0
0
1
0
1
0
0
1
0
0
0
0
0
1
1
0
0
0
1
0
0
0
0
0
0
-
0
0
0
0
0
0
1
1
1
-
-
-
0
0
0
0
0
0
0
1
0
0
0
1
1
1
1
0
0
0
1
0
0
1
1
0
0
0
1
0
0
1
0
1
0
1
0
0
0
1
0
0
1
0
1
1
1
1
1
1
0
0
0
1
1
0
0
1
0
1
0
0
0
0
1
1
0
1
1
0
0
1
0
0
0
1
1
1
0
1
0
0
0
1
0
0
0
0
-
0
0
1
0
0
1
1
1
1
-
-
-
0
0
0
0
0
Table 5 Relationship between CGRAM Addresses, Character Codes (DDRAM) and Character
patterns (CGRAM Data)
Notes:
1.
Character code bits 0 to 2 correspond to CGRAM address bits 3 to 5 (3 bits: 8 types).
2.
CGRAM address bits 0 to 2 designate the character pattern line position. The 8th line is the cursor position
and its display is formed by a logical OR with the cursor. Maintain the 8th line data, corresponding to the
cursor display position, at 0 as the cursor display. If the 8th line data is 1, 1 bits will light up the 8th line
regardless of the cursor presence.
3.
Character pattern row positions correspond to CGRAM data bits 0 to 4 (bit 4 being at the left).
4.
As shown Table 5, CGRAM character patterns are selected when character code bits 4 to 7 are all 0.
However, since character code bit 3 has no effect, the T display example above can be selected by either
character code 00H or 08H.
5.
“1” for CGRAM data corresponds to display selection and “0” to non-selection,“-“ Indicates no effect.
6.
Different OPR1/2 ITO option can select different CGRAM size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com