Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
ST7036
V1.7a
2007/10/17
35/70
Power/ICON control/Contrast set(high byte)
Ion: set ICON display on/off
When Ion = "High", ICON display on.
When Ion = "Low", ICON display off.
Bon: switch booster circuit
Bon can only be set when internal follower is used (OPF1=0,OPF2=0).
When Bon = "High", booster circuit is turn on.
When Bon = "Low", booster circuit is turn off.
C5,C4 : Contrast set(high byte)
C5,C4,C3,C2,C1,C0 can only be set when internal follower is used (OPF1=0,OPF2=0).They can more
precisely adjust the input reference voltage of V0 generator. The details please refer to the supply voltage
for LCD driver.
Follower control
Fon: switch follower circuit
Fon can only be set when internal follower is used (OPF1=0,OPF2=0).
When Fon = "High", internal follower circuit is turn on.
When Fon = "Low", internal follower circuit is turn off.
Note that Fon must be set to “Low” if (OPF1, OPF2) is not (0,0).
Rab2,Rab1,Rab0 : V0 generator amplified ratio
Rab2,Rab1,Rab0 can only be set when internal follower is used (OPF1=0,OPF2=0).They can adjust the
amplified ratio of V0 generator. The details please refer to the supply voltage for LCD driver.
Contrast set(low byte)
C3,C2,C1,C0:Contrast set(low byte)
C5,C4,C3,C2,C1,C0 can only be set when internal follower is used (OPF1=0,OPF2=0).They can more
precisely adjust the input reference voltage of V0 generator. The details please refer to the supply voltage
for LCD driver.
0
0
1
0
1
0
BON
ION
C4
C5
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
1
0
0
1
Rab
2
FON
Rab
0
Rab
1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1
0
0
1
0
1
1
C2
C3
C0
C1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com