Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
ST7036
V1.7a
2007/10/17
12/70
Name
Number I/O Interfaced with
Function
OPR1,OPR2
2
I
ITO option
Character generator select:
OPR1
OPR2
CGROM
CGRAM
0
0
240
8
0
1
250
6
1
0
248
8
1
1
256
0
SHLC
1
I
ITO option
Common signals direction select:
0:Com1~24←Row address 23~0(Invert)
1:Com1~24←Row address 0~23(Normal)
SHLS
1
I
ITO option
Segment signals direction select:
0:Seg1~100←Column address 99~0(Invert)
1:Seg1~100←Column address 0~99(Normal)
COM1 to
COM16
16
O
LCD
Common signals that are not used are changed
to non-selection waveform. COM9 to COM16
are non-selection waveforms at 1/8 or 1/9 duty factor
COMI2
COMI1
1
O
LCD
ICON common signals
Seg1~Seg10
Seg91~Seg100
21
O
LCD
Select “N3” pin for common or segment waveform output
(follow up table 2 defined)
N3
1
I
ITO option
1 line/2 line or 3 line select :
0:1 line/2 line SEG0~SEG100:normal
1:3 line COMI1,SEG1~SEG5,SEG97~SEG100 re-defined
SEG11 to
SEG90
80
O
LCD
Segment signals
The built-in voltage follower circuit selection
OPF1
OPF2
Bias select
0
0
Built-in voltage follower(only use at EXT=0)
0
1
Built-in bias resistor(3.3KΩ)
1
0
Built-in bias resistor(9.6KΩ)
OPF1,OPF2
2
I
ITO option
1
1
External bias resistor select
CAP1P
2
-
Power supply
CAP1N
2
-
Power supply
For voltage booster circuit(VDD-VSS)
External capacitor about 0.1u~4.7uf
VIN
2
-
Power supply
Input the voltage to booster
VOUT
4
-
Power supply
DC/DC voltage converter. Connect a capacitor between this
terminal and VIN when the built-in booster is used.
V0 to V4
6
-
Power supply
Power supply for LCD drive
V0-Vss = 7V (Max)
Built-in/external Voltage follower circuit
VDD,VSS
4,5
-
Power supply
VDD : 2.7V to 5.5V, VSS: 0V
CLS
1
I
ITO option
Internal/External oscillation select
0:external clock
1:internal oscillation
OSC
1
I
Oscillation
When the pin input is an external clock, it must be input to
OSC.
When the on-chip oscillator is used, it must be connected
to VDD.
TEST1
1
I/O
Test pin
TEST1 must connect to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com