Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
ST7036
V1.7a
2007/10/17
16/70
I
2C Interface protocol
The ST7036 supports command, data write addressed slaves on the bus.
Before any data is transmitted on the I
2C Interface, the device, which should respond, is addressed first. Four 7-bit slave
addresses (0111100 to 0111111) are reserved for the ST7036. The R/W is assigned to 0 for Write only.
The I
2C Interface protocol is illustrated in Fig.5.
The sequence is initiated with a START condition (S) from the I
2C Interface master, which is followed by the slave address.
All slaves with the corresponding address acknowledge in parallel, all the others will ignore the I
2C Interface transfer. After
acknowledgement, one or more command words follow which define the status of the addressed slaves.
A command word consists of a control byte, which defines Co and RS, plus a data byte.
The last control byte is tagged with a cleared most significant bit (i.e. the continuation bit Co). After a control byte with a
cleared Co bit, only data bytes will follow. The state of the RS bit defines whether the data byte is interpreted as a command
or as RAM data. All addressed slaves on the bus also acknowledge the control and data bytes. After the last control byte,
depending on the RS bit setting; either a series of display data bytes or command data bytes may follow. If the RS bit is set
to logic 1, these display bytes are stored in the display RAM at the address specified by the data pointer. The data pointer is
automatically updated and the data is directed to the intended ST7036i device. If the RS bit of the last control byte is set to
logic 0, these command bytes will be decoded and the setting of the device will be changed according to the received
commands. Only the addressed slave makes the acknowledgement after each byte. At the end of the transmission the I
2C
INTERFACE-bus master issues a STOP condition (P).
During write operation, two 8-bit registers are used. One is data register (DR), the other is instruction
register(IR).
The data register(DR) is used as temporary data storage place for being written into DDRAM/CGRAM/ICON
RAM, target RAM is selected by RAM address setting instruction. Each internal operation, writing into RAM, is
done automatically. So to speak, after MPU writes data to DR, the data in DR is transferred into
DDRAM/CGRAM/ICON RAM automatically.
1
2
8
9
S
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
START
condition
not acknowledge
acknowledge
clock pulse for
acknowledgement
Fig .4 Acknowledgement on the IIC Interface
S 0 1 1 1 1
1
R
S
0 A
control byte
A
data byte
Co
0
R
S
A
control byte
A
data byte
A P
Co
slave address
acknowledgement
from ST7036i
acknowledgement
from ST7036i
acknowledgement
from ST7036i
acknowledgement
from ST7036i
acknowledgement
from ST7036i
2n>=0 bytes
command word
n>=0 bytes
MSB.......................LSB
1 byte
R/W
Write mode
C
o
R
S
0 0 0 0 0 0
control byte
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
data byte
1 0
0
0 1 1 1 1
R
/
W
1 0
slave address
Fig .5 IIC Interface protocol
0
Last control byte to be sent. Only a stream of data bytes is allowed to follow.
This stream may only be terminated by a STOP condition.
Co
1
Another control byte will follow the data byte unless a STOP condition is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com