Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
ST7036
V1.7a
2007/10/17
53/70
Serial Interface
( Ta =-35°C to 85°C )
VDD=2.7 to 4.5V
Rating
VDD=4.5 to 5.5V
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Min.
Max.
Units
Serial Clock Period
tSCYC
200
-
100
-
SCL “H” pulse width
tSHW
20
-
20
-
SCL “L” pulse width
SCL
tSLW
—
160
-
120
-
ns
Address setup time
tSAS
10
-
10
-
Address hold time
RS
tSAH
—
250
-
150
-
ns
Data setup time
tSDS
10
-
10
-
Data hold time
SI
tSDH
—
10
-
20
-
ns
tCSS
20
-
20
-
CS-SCL time
CS
tCSH
—
350
-
200
-
ns
*1 All timing is specified using 20% and 80% of VDD as the standard.
tCSS
tCSH
tSDS
tSDH
tSLW
tSCYC
tSHW
RS
SCL
SI
tSAS
tSAH
CSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com