Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
ST7036
V1.7a
2007/10/17
34/70
Read Data from CGRAM,DDRAM or ICON RAM
Read binary 8-bit data from DDRAM/CGRAM./ICON RAM
The selection of RAM is set by the previous address set instruction. If address set instruction of RAM is not
performed before this instruction, the data that read first is invalid, because the direction of AC is not
determined. If you read RAM data several times without RAM address set instruction before read operation,
you can get correct RAM data from the second, but the first data would be incorrect, because there is no time
margin to transfer RAM data.
Bias Set
BS: bias selection
When BS=”High”, the bias will be 1/4
When BS=”Low”, the bias will be 1/5
BS will be invalid when external bias resistors are used(OPF1=1,OPF2=1)
FX: must be fixed on high in 3-line application and fixed on low in other applications.
Set ICON RAM address
Set ICON RAM address to AC.
This instruction makes ICON data available from MPU.
When IS=1 at Extension mode,
The ICON RAM address is from "00H" to "0FH".
1
1
D6
D7
D4
D5
D2
D3
D0
D1
R/W
RS
DB6
DB7
DB4
DB5
DB2
DB3
DB0
DB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com