Electronic Components Datasheet Search
  English  ▼

X  

ST7036 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7036 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
ST7036
V1.7a
2007/10/17
37/70
Initializing by Instruction
8-bit Interface (fosc=380kHz)
P O W E R O N o r e x t e r n a l r e s e t
W a it t im e > 4 0 m S
A f t e r V D D s t a b le
W a it t im e > 2 6 .3 μ
μ
μ
μ S
F u n c t io n s e t
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
0
1
1
N
D H
IS 2
IS 1
F u n c t io n s e t
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
0
1
1
N
D H
IS 2
IS 1
W a it t im e > 2 6 .3 μ
μ
μ
μ S
W a it t im e > 2 6 .3 μ
μ
μ
μ S
In itia liz a tio n e n d
B F c a n n o t b e
c h e c k e d b e f o r e
t h is in s t r u c tio n .
B F c a n n o t b e
c h e c k e d b e f o r e
t h is in s t r u c tio n .
W a it t im e > 2 6 .3 μ
μ
μ
μ S
W a it t im e > 2 6 .3 μ
μ
μ
μ S
W a it t im e > 2 6 .3 μ
μ
μ
μ S
P o w e r /IC O N /C o n t r a s t c o n t r o l
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
1
0
1
Io n
B o n
C 5
C 4
F o llo w e r c o n t r o l
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
1
1
0
F o n
R a b 2
R a b 1
R a b 0
D is p la y O N /O F F c o n t r o l
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
0
0
0
1
D
C
B
B ia s S e t
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
0
0
1
B S
1
0
F X
W a it t im e > 2 6 .3 μ
μ
μ
μ S
C o n t r a s t s e t
R S
R /W
D B 7
D B 6
D B 5
D B 4
D B 3
D B 2
D B 1
D B 0
0
0
0
1
1
1
C 3
C 2
C 1
C 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com