Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
ST7576
Ver 1.0
29/54
2007/01/29
7. RESET CIRCUIT
Setting RESB to “L” or Reset instruction can initialize internal function.
When RESB becomes “L”, following procedure is occurred.
Page address: 0
Column address: 0
Display control: Display blank
COM Scan Direction MY: 0
SEG Select Direction MX: 0
DO=0
Oscillator: OFF
Power down mode (PD = 1)
normal instruction set (H[1:0] = 00)
Display blank (E = D = 0)
Address counter X [6:0] = 0, Y [3:0] = 0
Bias system: depend on Hardware (BR) setting
Booster stage: depend on Hardware (CP) setting
V0 is equal to 0; the HV generator is switched off (VOP [6:0] = 0)
After power-on, RAM data are undefined
While RESB is “L” or reset instruction is executed, no instruction except read status can be accepted. Reset
status appears at D0. After D0 becomes ”L”, any instruction can be accepted. RESB must be connected to the
reset pin of the MPU, and initialize the MPU and this LSI at the same time. The initialization by RESB is
essential before used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com