Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
ST7576
Ver 1.0
14/54
2007/01/29
5. PINNING DESCRIPTIONS
Pin Name
I/O
Description
No. of Pins
Lcd driver outputs
SEG0 to SEG101
O
LCD segment driver outputs
This display data and the M signal control the output voltage of segment
driver.
Segment drover output voltage
Display data
Frame
Normal display Reverse display
H
H
VG
VSS
H
L
VSS
VG
L
H
VSS
VG
L
L
VG
VSS
Power save mode
VSS
VSS
102
COM0 to COM64
O
LCD column driver outputs
This internal scanning data and M signal control the output voltage of
common driver.
Common drover output voltage
Display data
Frame
Normal display Reverse display
H
H
XV0
H
L
V0
L
H
VM
L
L
VM
Power save mode
VSS
65
COMS
O
Common output for the icons
The output signals of two pins are same. When not used, this pin should
be left open.
2
MICROPROCESSOR INTERFACE
PS[2:0]
I
Microprocessor interface select input pin
PS2
PS1
PS0
State
" L "
" L "
" L " 4 Pin-SPI MPU interface
" H "
" L "
" L " 3 Pin-SPI MPU interface
" L "
" H "
" L " 8080-series parallel MPU interface
" H "
" H "
" L " 6800-series parallel MPU interface
" H "
"H"
" H " I
2C interface
3
CSB
I
Chip select input pins
Data/instruction I/O is enabled only when CSB is "L". When chip select
is non-active, DB0 to DB7 is high impedance.
There is no CSB pin in I
2C interface, so this pin can fix to ” H”
1
RESB
I
Reset input pin
When RESB is "L", initialization is executed.
1
A0
I
It determines whether the data bits are data or a command.
A0="H“: Indicates that D0 to D7 are display data.
A0="L“: Indicates that D0 to D7 are control data.
There is no A0 pin in three line or I
2C interface, so this pin can fix to ” H”
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com