Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 47 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 47 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
ST7576
Ver 1.0
47/54
2007/01/29
15. RESET TIMING
Internal
status
tRW
tR
During reset
Reset complete
/RES
(VDD = 3.3V , Ta = –30 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
1.5
us
Reset “L” pulse width
RESB
tRW
1.5
—
—
us
(VDD = 2.8V , Ta = –30 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
2.0
us
Reset “L” pulse width
RESB
tRW
2.0
—
—
us
(VDD = 1.8V , Ta = –30 to 85°C )
Rating
Item
Signal
Symbol
Condition
Min.
Typ.
Max.
Units
Reset time
tR
—
—
3.0
us
Reset “L” pulse width
RESB
tRW
3.0
—
—
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com