Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
ST7576
Ver 1.0
15/54
2007/01/29
RWR
I
Read/Write execution control pin (PS[0:1]=[L:H])
PS2
MPU type
/WR(R/W)
Description
H
6800-series
R/W
Read/Write control input pin
R/W="H“: read
R/W="L”: write
L
8080-series
/WR
Write enable clock input pin
The data on D0 to D7 are latched
at the rising edge of the /WR
signal
When in the serial interface must fix to ”H”
1
ERD
I
Read/Write execution control pin (PS[0:1]=[L:H])
PS2
MPU Type
/RD (E)
Description
H
6800-series
E
Read/Write control input pin
R/W="H“: When E is "H", D0 to D7
are in an output status.
R/W="L“: The data on D0 to D7 are
latched at the falling edge of the E
signal.
L
8080-series
/RD
Read enable clock input pin
When /RD is "L", D0 to D7 are in an
output status.
When in the serial interface must fix to ” H”
1
When using 8-bit parallel interface : 6800 . 8080
8-bit bi-directional data bus that is connected to the standard 8-bit
microprocessor data bus.
When chip select is not active, D0 to D7 is high impedance.
D7(SCLK)
D6(SDA)
D5(A0)
D4(CSB)
D3 to D0
When using serial interface: 4-LINE.3-LINE
D7: serial input clock (SCLK) ; D6: serial input data (SDA)
D5: command/data selection (A0) ; D4: chip select pin(CSB)
D3,D2.D1.D0: must fix to ” H”
When using 3-line A0 must fix to “H”
D7 to D6 (SA)
D5 to D4(X)
D3 to D2 (SDA_OUT)
D1 (SDA_IN)
D0 (SCLK)
I/O
When using I
2C interface
D7: serial clock input (SCLK)
D6: serial input data (SDA_IN)
D3, D2: (SDA_OUT) serial data acknowledge for the I
2C interface. By
connecting SDA_OUT to SDA_IN externally, the SDA line becomes fully
I
2C interface compatible. Having the acknowledge output separated
from the serial data line is advantageous in chip on glass (COG)
applications. In COG application where the track resistance from the
SDA_OUT pad to the system SDA line can be significant, a potential
divider is generated by the bus pull-up resistor and the ITO track
resistance. It is possible the during the acknowledge cycle the ST7576
will not be able to create a valid logic 0 level. By splitting the SDA_IN
input from the SDA_OUT output the device could be used in a mode
that ignores the acknowledge bit. In COG applications where the
acknowledge cycle is required, it is necessary to minimize the track
resistance from the SDA_OUT pad to the system SDA line to guarantee
a valid low level.
D6, D3,D2 must be connected together (SDA)
D4, D5: must fix to ” H”
D0, D1: Is slave address (SA0,SA1), must fix to “H” or “L”
Chip select input pins “CSB” not used must fix to “H”
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com