Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
ST7576
Ver 1.0
32/54
2007/01/29
Read data
8-bit data of Display Data from the RAM location specified by the column address and page address can be read to the
microprocessor.
A0
WR(R/W)
D7
D6
D5
D4
D3
D2
D1
D0
1
1
Read data
Write data
8-bit data of Display Data from the microprocessor can be written to the RAM location specified by the column address and
page address. The column address is increased by 1 automatically so that the microprocessor can continuously write data
to the addressed page. During auto-increment, the column address wraps to 0 after the last column is written.
A0
WR(R/W)
D7
D6
D5
D4
D3
D2
D1
D0
1
0
Write data
H=”0”
Set VOP range
VOP range L/H select
A0
WR(R/W)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
1
0
0
0
PRS
PRS=0: VOP programming range LOW
PRS=1: VOP programming range HIGH
Display Control
This bits D and E selects the display mode.
A0
WR(R/W)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
1
D
0
E
Flag
Description
D
E
The bits D and E select the display mode.
0
0
Display blank
1
0
Normal display
0
1
All display segments on
D,E
1
1
Inverse video mode
Set Y address of RAM
Y [3:0] defines the Y address vector address of the display RAM.
A0
WR(R/W)
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Y3
Y2
Y1
Y0
CONTENT
ALLOWED X-RANGE
0
0
0
0
Page0 (display RAM)
0 to 101
0
0
0
1
Page1 (display RAM)
0 to 101
0
0
1
0
Page2 (display RAM)
0 to 101
0
0
1
1
Page3 (display RAM)
0 to 101
0
1
0
0
Page4 (display RAM)
0 to 101
0
1
0
1
Page5 (display RAM)
0 to 101
0
1
1
0
Page6 (display RAM)
0 to 101
0
1
1
1
Page7 (display RAM)
0 to 101
1
0
0
0
Page8 (display RAM)
0 to 101
1
0
0
1
Page9 (display RAM)
0 to 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com