Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
ST7576
Ver 1.0
34/54
2007/01/29
The maximum voltage that can be generated is depending on the VDD1 voltage and the display load current. Two
overlapping VLCD ranges are selectable via the command “Booster control”. For the LOW (PRS=0) range a=a1 and for
the HIGH (PRS=1) range a=a2 with steps equal to “b” in both ranges. Note that the charge pump is turned off if VOP
[6;0] and the bit PRS are all set to zero
*
The Vop must be operated in the range of 4V to 9.5V for the normal or partial display mode application, so that
customer have some range(<4V; >9.5V) to adjust contrast by themselves.
Table 4 Typical values for parameter for the HV-Generator programming
SYMBOL
VALUE
UNIT
a1
2.94(PRS=0)
V
a2
6.75(PRS=1)
V
b
0.03
V
00
01 02
03 04 05
06 .....
7E 7F 00
7D
01 02
03 04 05
06 .....
7E
7D
7F
a1+b
b
a2
VL2
LOW(PRS=0)
HIGH(PRS=1)
VOP [6:0](programmed) {00 hex… 7F hex}
Fig21 VOP programming of ST7576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com