Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
ST7576
Ver 1.0
16/54
2007/01/29
LCD DRIVER SUPPLY
OSC
I
When the on-chip oscillator is used, this input must be connected
to VDD1. An external clock signal, if used, is connected to this input. If
the oscillator and external clock are both inhibited by connecting the
OSC pin to VSS the display is not clocked and may be left in a DC state.
To avoid this, the chip should always be put into Power Down Mode
before stopping the clock.
1
Power Supply Pins
VSS1
Power
Digital ground: must be connected with VSS2
4
VSS2
Power
Analog ground: must be connected with VSS1
6
VDX2
Power
Testing mode power.
Must be floating.
3
VDD1
Power
Digital Supply voltage:1.8V~3.3V
The 2 supply rails VDD1 and VDD2 could be connected together.
Digital Option pin must connect to VDD1 to pull high
5
VDD2
Power
Analog Supply voltage:1.8V~3.3V
The 2 supply rails VDD1 and VDD2 could be connected together.
4
XV0
Power
Negative LCD driver supply voltage
XV0O, XV0I & XV0S should be separated in ITO layout.
XV0O, XV0I & XV0S should be connected together in FPC layout.
7
V0
Power
Positive LCD driver supply voltage
V0 ≥ VG ≥ VM ≥ VSS ≥ XV0
V0O, V0I & V0S should be separated in ITO layout.
V0O, V0I & V0S should be connected together in FPC layout.
7
VG
Power
LCD driving voltage for segments
VGO, VGI & VGS should be separated in ITO layout.
VGO, VGI & VGS should be connected together in FPC layout.
7
VMO
Power
VM output. LCD driving voltage for commons.
3
VRS
Power
Monitor Voltage Regulator level, must be left open.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com