Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
ST7576
Ver 1.0
22/54
2007/01/29
Data Transfer
The ST7576 uses bus holder and internal data bus for data transfer with the MPU. When writing data from the MPU
to on-chip RAM, data is automatically transferred from the bus holder to the RAM as shown in Fig. 11. And when reading
data from on-chip RAM to the MPU, the data for the initial read cycle is stored in the bus holder (dummy read) and the MPU
reads this stored data from bus holder for the next data read cycle as shown in Fig. 12. This means that a dummy read
cycle must be inserted between each pair of address sets when a sequence of address sets is executed. Therefore, the
data of the specified address cannot be output with the read display data instruction right after the address sets, but can be
output at the second read of data.
Fig 10 I
2C Interface protocol
0
Last control byte to be sent. Only a stream of data bytes is allowed to follow.
This stream may only be terminated by s STOP or RE-START condition.
Co
1
Another control byte will follow the data byte unless a STOP or RE-START condition is received.
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
D(N)
D(N+1) D(N+2)
D(N+3)
N
N+1
N+2
N+3
MPU signal
A0
/WR
D0 to D7
Internal signals
/WR
BUS HOLDER
COLUMN ADDRESS
Fig 11 Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com