Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 18 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 18 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
ST7576
Ver 1.0
18/54
2007/01/29
6. FUNCTIONS DESCRIPTION
MICROPROCESSOR INTERFACE
Chip Select Input
There is CSB pin for chip selection. The ST7576 can interface with an MPU when CSB is "L". When CSB is “H”, these pins
are set to any other combination, A0, /RD(E), and /WR(R/W) inputs are disabled and D0 to D7 are to be high impedance.
And, in case of serial interface, the internal shift register and the counter are reset.
Parallel / Serial Interface
ST7576 has five types of interface with an MPU, which are three serial and two parallel interfaces. This parallel or serial
interface is determined by PS [0:2] pin as shown in table 1.
Table 1. Parallel/Serial Interface Mode
Parallel Interface
The 8-bit bi-directional data bus is used in parallel interface and the type of MPU is selected by PS2 as shown in table 2.
The type of data transfer is determined by signals at A0, /RD (E) and /WR(R/W) as shown in t
able 3.
Table 2. Microprocessor Selection for Parallel Interface
PS2
PS1
PS0
CSB
A0
/RD (E) /WR (R/W)
D0 to D7
MPU bus
H
H
L
CSB
A0
E
R/W
D0 to D7
6800-series
L
H
L
CSB
A0
/RD
/WR
D0 to D7
8080-series
Table 3. Parallel Data Transfer
Common
6800-series
8080-series
A0
E
(/RD)
R/W
(/WR)
/RD
(E)
/WR
(R/W)
Description
H
H
H
L
H
Display data read out
H
H
L
H
L
Display data write
L
H
H
L
H
Register status read
L
H
L
H
L
Writes to internal register (instruction)
NOTE: When /RD (E) pin is always pulled high for 6800-series interface, it can be used CSB for enable signal. In this case,
interface data is latched at the rising edge of CSB and the type of data transfer is determined by signals at A0, /WR(R/W)
as in case of 6800-series mode.
Serial Interface
Serial Mode
PS2
PS1
PS0
CSB
A0
4-line SPI interface
L
L
L
CSB
Used
3-line SPI interface
H
L
L
CSB
Not Used
Fix to “H”
I
2C interface
H
H
H
Not Used
Fix to “H”
Not Used
Fix to “H”
PS2
PS1
PS0
State
" L "
" L "
" L " 4 Pin-SPI MPU interface
" H "
" L "
" L " 3 Pin-SPI MPU interface
" L "
" H "
" L " 8080-series parallel MPU interface
" H "
" H "
" L " 6800-series parallel MPU interface
" H "
" H "
" H " I
2C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com