Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
ST7576
Ver 1.0
23/54
2007/01/29
DISPLAY DATA RAM (DDRAM)
The ST7576 contains a 66X102 bit static RAM that stores the display data. The display data RAM store the dot data for the
LCD. It has a 66(8 pageX8 bit +1 pageX1 bit +1 pageX1 bit) X 102 . There is a direct correspondence between X-address
and column output number. It is 66-row by 102-column addressable array. Each pixel can be selected when the page and
column addresses are specified. The 65 rows are divided into 8 pages of 8 lines (0~63 COM) and 8th page with single line
(D0)(64COM) and 9th page with a single line (D0)(COMS (ICOM). Data is read from or written to the 8 lines of each page
directly through D0 to D7. The display data of D0 to D7 from the microprocessor correspond to the LCD common lines. The
microprocessor can read from and write to RAM through the I/O buffer. Since the LCD controller operates independently,
data can be written into RAM at the same time as data is being displayed without causing the LCD flicker.
Page Address Circuit
This circuit is for providing a Page Address to Display Data RAM. It incorporates 4-bit Page Address register changed by
only the “Set Page” instruction. Page Address 9 is a special RAM area for the icons and display data D0 is only valid.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly, it is possible to realize the screen scrolling and page switching without changing the contents of
on-chip RAM as shown in Fig. 10. It incorporates 7-bit Line Address register changed by only the initial display line
instruction and 7-bit counter circuit. At the beginning of each LCD frame, the contents of register are copied to the line
counter which is increased by CL signal and generates the line address for transferring the 102-bit RAM data to the display
data latch circuit. When icon is selected by setting icon page address, display data of icons are not scrolled because the
MPU cannot access Line Address of icons.
N
Dummy
D(N)
D(N+1)
MPU signal
A0
/WR
D0 to D7
Internal signals
/WR
COLUMN ADDRESS
/RD
N
D(N)
D(N+1) D(N+2)
D(N)
D(N+1) D(N+2)
N
/RD
BUS HOLDER
Fig 12 Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com