Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 41 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 41 Page - Sitronix Technology Co., Ltd.

Back Button ST7576 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
ST7576
Ver 1.0
41/54
2007/01/29
System Bus Read/Write Characteristics 1 (For the 6800 Series MPU)
(VDD = 3.3V , Ta =-30~85°C)
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Address hold time
tAH6
10
—
Address setup time
tAW6
80
—
System cycle time
A0
tCYC6
240
—
Enable L pulse width (WRITE)
tEWLW
70
—
Enable H pulse width (WRITE)
WR
tEWHW
50
—
Enable L pulse width (READ)
tEWLR
70
—
Enable H pulse width (READ)
RD
tEWHR
130
WRITE Data setup time
tDS6
60
—
WRITE Data hold time
tDH6
10
—
READ access time
tACC6
CL = 100 pF
—
70
READ Output disable time
D0 to D7
tOH6
CL = 100 pF
10
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com