Electronic Components Datasheet Search
  English  ▼

X  

ST7576 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7576
Description  66 x 102 Dot Matrix LCD Controller/Driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7576 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7576 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7576 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
ST
Sitronix
ST7576
66 x 102 Dot Matrix LCD Controller/Driver
Ver 1.0
1/54
2007/01/29
1. INTRODUCTION
The ST7576 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segments
and 65 common with 1 ICON driver circuits. This chip is connected directly to a microprocessor, accepts 3-line or 4-line
serial peripheral interface (SPI), I
2C interface or 8-bit parallel interface, display data can stores in an on-chip display
data RAM of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to
minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible
to make a display system with the fewest components.
2. FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
102 segment / 65 common+1 ICON common (1/66 duty)
102 segment / 16 common+1 ICON common (1/17 duty)
(1/17 duty is under partial screen mode)
On-chip Display Data Ram
-
Capacity: 66X102=6,732 bits
Microprocessor Interface
-
8-bit parallel bi-directional interface with
6800-series or 8080-series
-
4-line SPI (serial peripheral interface) available
(only write operation)
-
3-line SPI (serial peripheral interface) available
-
I
2C (Inter-Integrated Circuit) Interface
On-chip Low Power Analog Circuit
-
Generation of LCD supply voltage
-
Generation of intermediate LCD bias voltages
-
Oscillator requires no external components
(external clock also possible)
-
Voltage converter X4; X5
-
Voltage follower
-
On-chip electronic contrast control function (255
steps)
External RESB (reset) pin
Logic supply voltage range
-
VDD1 -VSS : 1.8 to 3.3V
-
VDD2 -VSS : 2.4 to 3.3V
Display supply voltage range (V0)
-
Application Vop range: 4V-9.5V
-
Programmable Max V0: 10.5V
Temperature range: -30 to +85 degree
ST7576
6800 , 8080 ,
4-Line , 3-Line interface
(without I2C interface)
ST7576i
I2C interface


Similar Part No. - ST7576

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7576

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com