Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 167 page
background image
ST7715
V1.5
29
2009-12-04
9.3 Serial interface
The selection of this interface is done by IM2. See the Table 9.3.1.
IM2
SPI4W
Interface
Read back selection
0
0
3-line serial interface
Via the read instruction (8-bit, 24-bit and 32-bit read parameter)
0
1
4-line serial interface
Via the read instruction (8-bit, 24-bit and 32-bit read parameter)
Table 9.3.1 Selection of serial interface
The serial interface is either 3-line/9-bit or 4-line/8-bit bi-directional interface for communication between the micro
controller and the LCD driver. The 3-line serial interface use: CSX (chip enable), SCL (serial clock) and SDA (serial data
input/output), and the 4-line serial interface use: CSX (chip enable), D/CX (data/ command flag), SCL (serial clock) and
SDA (serial data input/output). Serial clock (SCL) is used for interface with MCU only, so it can be stopped when no
communication is necessary.
9.3.1
Command Write Mode
The write mode of the interface means the micro controller writes commands and data to the LCD driver. 3-line serial data
packet contains a control bit D/CX and a transmission byte. In 4-line serial interface, data packet contains just transmission
byte and control bit D/CX is transferred by the D/CX pin. If D/CX is “low”, the transmission byte is interpreted as a
command byte. If D/CX is “high”, the transmission byte is stored in the display data RAM (memory write command), or
command register as parameter.
Any instruction can be sent in any order to the driver. The MSB is transmitted first. The serial interface is initialized when
CSX is high. In this state, SCL clock pulse or SDA data have no effect.
A falling edge on CSX enables the serial interface and indicates the start of data transmission.
Fig. 9.3.1 Serial interface data stream format
When CSX is “high”, SCL clock is ignored. During the high period of CSX the serial interface is initialized. At the falling
edge of CSX, SCL can be high or low (see Fig 9.3.2). SDA is sampled at the rising edge of SCL. D/CX indicates whether
the byte is command (D/CX=’0’) or parameter/RAM data (D/CX=’1’). D/CX is sampled when first rising edge of SCL (3-line
serial interface) or 8th rising edge of SCL (4-line serial interface). If CSX stays low after the last bit of command/data byte,
the serial interface expects the D/CX bit (3-line serial interface) or D7 (4-line serial interface) of the next byte at the next
rising edge of SCL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com