Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 60 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 60 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 167 page
background image
ST7715
V1.5
60
2009-12-04
9.11.2 Tearing Effect Line Timings
The Tearing Effect signal is described below:
Table 9.11.1 AC characteristics of Tearing Effect Signal Idle Mode Off (Frame Rate = 60 Hz, Ta=25°C)
Symbol
Parameter
min
max
unit
description
tvdl
Vertical Timing Low Duration
13
-
ms
tvdh
Vertical Timing High Duration
1000
-
µs
thdl
Horizontal Timing Low Duration
33
-
µs
thdh
Horizontal Timing Low Duration
25
500
µs
NOTE: The timings in Table 9.11.1 apply when MADCTL ML=0 and ML=1
The signal’s rise and fall times (tf, tr) are stipulated to be equal to or less than 15ns.
The Tearing Effect Output Line is fed back to the MPU and should be used as shown below to avoid Tearing Effect:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com