Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 167 page
background image
ST7715
V1.5
12
2009-12-04
6
Driver IC Pin Description
6.1 Power Supply Pin
Name
I/O
Description
Connect pin
VDD
I
Power supply for analog, digital system and booster circuit.
VDD
VDDI
I
Power supply for I/O system.
VDDI
AGND
I
System ground for analog system and booster circuit.
GND
DGND
I
System ground for I/O system and digital system.
GND
6.2 Interface logic pin
Name
I/O
Description
Connect pin
IM2
I
MCU Parallel interface bus and Serial interface select
IM2=’1’, Parallel interface
IM2=’0’, Serial interface
DGND/VDDI
IM1,IM0
I
- MCU parallel interface type selection
-If not used, please fix this pin at VDDI or DGND level.
IM1
IM0
Parallel interface
0
0
MCU 8-bit parallel
0
1
MCU 16-bit parallel
1
0
MCU 9-bit parallel
1
1
MCU 18-bit parallel
DGND/VDDI
SPI4W
I
- SPI4W=’0’, 3-line SPI enable.
- SPI4W=’1’, 4-line SPI enable.
-If not used, please fix this pin at DGND level.
DGND/VDDI
RESX
I
-This signal will reset the device and it must be applied to properly
initialize the chip.
-Signal is active low.
MCU
CSX
I
-Chip selection pin
-Low enable.
MCU
D/CX
(SCL)
I
-Display data/command selection pin in MCU interface.
-D/CX=’1’: display data or parameter.
-D/CX=’0’: command data.
-In serial interface, this is used as SCL.
-If not used, please fix this pin at VDDI or DGND level.
MCU
RDX
I
-Read enable in 8080 MCU parallel interface.
-If not used, please fix this pin at VDDI or DGND level.
MCU
WRX
(D/CX)
I
-Write enable in MCU parallel interface.
-In 4-line SPI, this pin is used as D/CX (data/ command selection).
-If not used, please fix this pin at VDDI or DGND level.
MCU
D[17:0]
I/O
-D[17:0] are used as MCU parallel interface data bus.
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com