Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 167 page
background image
ST7715
V1.5
57
2009-12-04
9.10 Memory Data Write/ Read Direction
The data is written in the order illustrated above. The Counter which dictates where in the physical memory the data is to be
written is controlled by “Memory Data Access Control” Command, bits B5 (MV), B6 (MX), B7 (MY) as described below.
Fig. 9.10.1 Data streaming order
9.10.1 When 132RGBx132 (GM= “001”)
MV
MX
MY
CASET
RASET
0
0
0
Direct to Physical Column Pointer
Direct to Physical Row Pointer
0
0
1
Direct to Physical Column Pointer
Direct to (131-Physical Row Pointer)
0
1
0
Direct to (131-Physical Column Pointer)
Direct to Physical Row Pointer
0
1
1
Direct to (131-Physical Column Pointer)
Direct to (131-Physical Row Pointer)
1
0
0
Direct to Physical Row Pointer
Direct to Physical Column Pointer
1
0
1
Direct to (131-Physical Row Pointer)
Direct to Physical Column Pointer
1
1
0
Direct to Physical Row Pointer
Direct to (131-Physical Column Pointer)
1
1
1
Direct to (131-Physical Row Pointer)
Direct to (131-Physical Column Pointer)
Note: Data is always written to the Frame Memory in the same order, regardless of the Memory Write Direction set by MADCTL bits B7
(MY), B6 (MX), B5 (MV). The write order for each pixel unit is
One pixel unit represents 1 column and 1page counter value on the Frame Memory.
Panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com