Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 63 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 63 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 62Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 63Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 167 page
background image
ST7715
V1.5
63
2009-12-04
9.12 Power ON/OFF Sequence
VDDI and VDD can be applied in any order.
VDDI and VDD can be powered down in any order.
During power off, if LCD is in the Sleep Out mode, VDD and VDDI must be powered down minimum 120msec after RESX
has been released.
During power off, if LCD is in the Sleep In mode, VDDI or VDD can be powered down minimum 0msec after RESX has
been released.
CSX can be applied at any timing or can be permanently grounded. RESX has priority over CSX.
Note 1: There will be no damage to the display module if the power sequences are not met.
Note 2: There will be no abnormal visible effects on the display panel during the Power On/Off Sequences.
Note 3: There will be no abnormal visible effects on the display between end of Power On Sequence and before receiving Sleep Out
command. Also between receiving Sleep In command and Power Off Sequence.
Note 4: If RESX line is not held stable by host during Power On Sequence as defined in the sequence below, then it will be necessary to
apply a Hardware Reset (RESX) after Host Power On Sequence is complete to ensure correct operation. Otherwise function is not
guaranteed.
The power on/off sequence is illustrated below
Timing when the latter signal rises up to 90% of its typical value.
e.g. When VDD comes later, this timing is defined at the cross point of
90% of 2.75V, not 90% of 2.6V.
Timing when the latter signal falls up to 90% of its typical value.
e.g. When VDD comes later, this timing is defined at the cross point of
90% of 2.75V, not 90% of 2.6V.
H or L
TrPW-CSX = +/- no limit
TfPW-CSX = +/- no limit
30%
30%
TrPW-RESX = + no limit
TrPW-RESX = + no limit
TfPW-RESX1 = min 120ms
TfPW-RESX2 = min 0ms
TfPW-RESx1 is applied to RESX falling in the Sleep Out Mode.
TfPW-RESx2 is applied to RESX falling in the Sleep In Mode.
VDD
VDDI
CSX
RESX
(Power down in
sleep-out mode)
RESX
(Power down in
sleep-in mode)
TrPW ≧ 0ns
TfPW ≧ 0ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com