Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 167 page
background image
ST7715
V1.5
16
2009-12-04
6.4 Driver output pins
Name
I/O
Description
Connect pin
S1 to S396
O
- Source driver output pins.
-
G1 to G132
O
- Gate driver output pins.
-
VCI1
I/O
- Hi-Z
-
AVDD
I
- Power input pin for analog circuits.
- In normal usage, connect it to AVDDO.
AVDDO
AVDDO
O
- Output of step-up circuit 1
- Connect a capacitor for stabilization.
Capacitor
VCL
O
- A power supply pin for generating VCOML.
- Connect a capacitor for stabilization.
Capacitor
VGH
I
- Power input pin for gate driver circuit.
- In normal usage, connect it to VGHO.
VGHO
VGHO
O
- Positive output pin of the step-up circuit 2.
- Connect a capacitor for stabilization.
Capacitor
VGL
I
- Power input pin for gate driver circuit.
- Negative output of the step-up circuit 2 is connected inside the
driver.
- Connect a capacitor for stabilization.
Capacitor
VREF
O
- A reference voltage for power system.
-
GVDD
O
- A power output of grayscale voltage generator.
- When internal GVDD generator is not used, connect an external
power supply (AVDD-0.5V) to this pin.
-
VCOMH
O
- Positive voltage output of VCOM.
- Connect a capacitor for stabilization.
Capacitor
VCOML
O
- Negative voltage output of VCOM.
- Connect a capacitor for stabilization.
Capacitor
VCOM
O
- A power supply for the TFT-LCD common electrode.
Common
electrode
C11P, C11N
O
- Capacitor connecting pins for step-up circuit 1 (for AVDDO)
Step-up
Capacitor
C22P, C22N
C23P, C23N
C41P, C41N
O
- Capacitor connecting pins for step-up circuit 2 and 4 (for VGHO,
VGL, VCL)
Step-up
Capacitor
VDDIO
O
-VDDI voltage output level for monitoring.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com