Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 79 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 79 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 82Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 83Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 167 page
background image
ST7715
V1.5
79
2009-12-04
10.1.4 RDDST (09h): Read Display Status
09H
RDDST (Read Display Status)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDST
0
↑
1
-
0
0
0
0
1
0
0
1
(09h)
1
st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2
nd parameter
1
1
↑
-
BSTON
MY
MX
MV
ML
RGB
0
ST24
3
rd parameter
1
1
↑
-
ST23
IFPF2
IFPF1
IFPF0
IDMON PTLON SLOUT NORON
4
th parameter
1
1
↑
-
VSSON
ST14
INVON
ST12
ST11
DISON
TEON
GCS2
5
th parameter
1
1
↑
-
GCS1
GCS0
TELOM
ST4
ST3
ST2
ST1
ST0
Description
This command indicates the current status of the display as described in the table below:
Bit
Description
Value
BSTON
Booster Voltage Status
‘1’ =Booster on,
‘0’ =Booster off
MY
Row Address Order (MY)
‘1’ =Decrement, (Bottom to Top, when MADCTL (36h) D7=’1’)
‘0’ =Increment, (Top to Bottom, when MADCTL (36h) D7=’0’)
MX
Column Address Order (MX)
‘1’ =Decrement, (Right to Left, when MADCTL (36h) D6=’1’)
‘0’ =Increment, (Left to Right, when MADCTL (36h) D6=’1’)
MV
Row/Column Exchange (MV)
‘1’ = Row/column exchange, (when MADCTL (36h) D5=’1’)
‘0’ = Normal, (when MADCTL (36h) D5=’0’)
ML
Scan Address Order (ML)
‘1’=Increment,
(LCD refresh Bottom to Top, when MADCTL (36h) D4=’1’)
‘0’ =Decrement,
(LCD refresh Top to Bottom, when MADCTL (36h) D4=’0’)
RGB
RGB/ BGR Order (RGB)
‘1’ =BGR, (When MADCTL (36h) D3=’1’)
‘0’ =RGB, (When MADCTL (36h) D3=’0’)
ST24
For Future Use
‘0’
ST23
For Future Use
‘0’
IFPF2
IFPF1
IFPF0
Interface Color Pixel Format
Definition
“011” = 12-bit / pixel,
“101” = 16-bit / pixel,
“110” = 18-bit / pixel, others are no define
IDMON
Idle Mode On/Off
‘1’ = On, “0” = Off
PTLON
Partial Mode On/Off
‘1’ = On, “0” = Off
SLPOUT
Sleep In/Out
‘1’ = Out, “0” = In
NORON
Display Normal Mode On/Off
‘1’ = Normal Display,
‘0’ = Partial Display
VSSON
Reversed
“0”
ST14
Reversed
‘0’
INVON
Inversion Status
‘1’ = On, “0” = Off
ST12
All Pixels On (Not Used)
‘0’
ST11
All Pixels Off (Not Used)
‘0’
DISON
Display On/Off
‘1’ = On, “0” = Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com