Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 167 page
background image
ST7715
V1.5
19
2009-12-04
Logic-low input
current
IIL
VIN = VSS
-1
uA
Note 1
Input leakage
current
IIL
IOH = -1.0mA
-0.1
+0.1
uA
Note 1
VCOM voltage
VCOM high voltage
VCOMH
Ccom=12nF
2.5
5.0
V
VCOM low voltage
VCOML
Ccom=12nF
-2.4
0.0
V
VCOM amplitude
VCOMAC
|VCOMH-VCOML|
4.0
6.0
V
Source driver
Source output range
Vsout
0.1
AVDD-0.1
V
Gamma reference
voltage
GVDD
3.0
5.0
V
Source output
settling time
Tr
Below with 99%
precision
20
us
Note 2
Output offset voltage
Voffset
35
mV
Note 3
Notes:
1. VDDI=1.65 to 3.3V, VDD=2.6 to 3.3V, AGND=DGND=0V, TA= -30 to 85℃
2. Source channel loading= 2KΩ+12pF/channel, Gate channel loading=5KΩ+40pF/channel.
3. The Max. value is between measured point of source output and gamma setting value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com