Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 75 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 75 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 167 page
background image
ST7715
V1.5
75
2009-12-04
Table 10.1.3 System Function command List (3)
Instruction Refer D/CXWRXRDXD17-8 D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
0
↑
1
-
0
0
1
1
0
0
0
0
(30h)
Partial start/end address set
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
PSL7PSL6PSL5PSL4PSL3 PSL2 PSL1 PSL0
Partial start address (0,1,2, ..P)
1
↑
1
-
-
-
-
-
-
-
-
-
PTLAR 10.1.23
1
↑
1
-
PEL7PEL6PEL5PEL4PEL3 PEL2 PEL1 PEL0
Partial end address (0,1,2, .., P)
TEOFF 10.1.24
0
↑
1
-
0
0
1
1
0
1
0
0
(34h)
Tearing effect line off
0
↑
1
-
0
0
1
1
0
1
0
1
(35h) Tearing effect mode set & on
TEON
10.1.25
1
↑
1
-
-
-
-
-
-
-
-
TELOM
Mode1: TELOM=”0”
Mode2: TELOM=”1”
0
↑
1
-
0
0
1
1
0
1
1
0
(36h)
Memory data access control
MADCTL 10.1.26
1
↑
1
-
MY
MX
MV
ML RGB
0
-
-
-
IDMOFF 10.1.27
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
Idle mode off
IDMON 10.1.28
0
↑
1
-
0
0
1
1
1
0
0
1
(39h)
Idle mode on
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah)
Interface pixel format
COLMOD 10.1.29
1
↑
1
-
-
-
-
-
-
IFPF2IFPF1 IFPF0
Interface format
0
↑
1
-
1
1
0
1
1
0
1
0
(DAh)
Read ID1
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID1 10.1.30
1
1
↑
-
ID17 ID16 ID15 ID14 ID13 ID12 ID11
ID10
Read parameter
0
↑
1
-
1
1
0
1
1
0
1
1
(DBh)
Read ID2
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID2 10.1.31
1
1
↑
-
1
ID26 ID25 ID24 ID23 ID22 ID21
ID20
Read parameter
0
↑
1
-
1
1
0
1
1
1
0
0
(DCh)
Read ID3
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RDID3 10.1.32
1
1
↑
-
ID37 ID36 ID35 ID34 ID33 ID32 ID31
ID30
Read parameter
“-“: Don’t care
Note 1: After the H/W reset by RESX pin or S/W reset by SWRESET command, each internal register becomes default state (Refer
“RESET TABLE” section)
Note 2: Undefined commands are treated as NOP (00 h) command.
Note 3: B0 to D9 and DA to F are for factory use of driver supplier.
Note 4: Commands 10h, 12h, 13h, 20h, 21h, 26h, 28h, 29h, 30h, 36h (ML parameter only), 38h and 39h are updated during V-sync when
Module is in Sleep Out Mode to avoid abnormal visual effects. During Sleep In mode, these commands are updated immediately.
Read status (09h), Read Display Power Mode (0Ah), Read Display MADCTL (0Bh), Read Display Pixel Format (0Ch), Read
Display Image Mode (0Dh), Read Display Signal Mode (0Eh) and Read Display Self Diagnostic Result (0Fh) of these commands
are updated immediately both in Sleep In mode and Sleep Out mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com