Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 167 page
background image
ST7715
V1.5
44
2009-12-04
9.7.11 18-Bit Parallel Interface (IM2, IM1, IM0=“111”)
Different display data formats are available for three colors depth supported by listed below.
- 4k colors, RGB 4,4,4-bit input
- 65k colors, RGB 5,6,5-bit input
- 262k colors, RGB 6,6,6-bit input.
9.7.12 18-bit data bus for 12-bit/pixel (RGB 4-4-4-bit input), 4K-Colors, 3AH=“03h”
There is 1 pixel (3 sub-pixels) per 1 byte
-
-
-
-
G1, B it 3
-
G1, B it 2
-
G1, B it 1
-
G1, B it 0
-
8080-series control pins
R ES X
IM [2:0]
C SX
D /C X
“
“
“
“ 1 ”
”
”
”
“
“
“
“ 111 ”
”
”
”
W R X
R D X
“
“
“
“ 1 ”
”
”
”
D 15
D 14
D 13
D 12
D 11
D 10
D 9
D 8
P ixel n
Pixel n+1
12 bits
12 bits
R 1
G 1
B 1
R 2
G2
B 2
R 3
G3
B 3
18 bits
Fram e m em ory
R 1, B it 3
0
R 1, B it 2
0
R 1, B it 1
1
R 1, B it 0
0
1
1
0
0
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
-
-
-
-
B 1, B it 3
B 1, B it 2
B 1, B it 1
B 1, B it 0
G2, B it 3
G2, B it 2
G2, B it 1
G2, B it 0
R 2, B it 3
R 2, B it 2
R 2, B it 1
R 2, B it 0
-
-
-
-
B 2, B it 3
B 2, B it 2
B 2, B it 1
B 2, B it 0
G3, B it 3
G3, B it 2
G3, B it 1
G3, B it 0
R 3, B it 3
R 3, B it 2
R 3, B it 1
R 3, B it 0
-
-
-
-
B 3, B it 3
B 3, B it 2
B 3, B it 1
B 3, B it 0
G4, B it 3
G4, B it 2
G4, B it 1
G4, B it 0
R 4, B it 3
R 4, B it 2
R 4, B it 1
R 4, B it 0
-
-
-
-
B 4, B it 3
B 4, B it 2
B 4, B it 1
B 4, B it 0
Pixel n+2
Pixel n+3
Look-U p Table for 4096 C olor data m apping (12 bits to 18 bits)
-
-
D 17
-
-
-
-
-
-
-
-
D 16
Note1. The data order is as follows, MSB=D11, LSB=D0 and picture data is MSB=Bit 3, LSB=Bit 0 for Red, Green and Blue data.
Note 2:1-times transfer is used to transmit 1 pixel data with the 12-bit color depth information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com