Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 74 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 74 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 167 page
background image
ST7715
V1.5
74
2009-12-04
Table 10.1.2 System Function command List (2)
Instruction
Refer
D/C
X
WR
X
RDX
D17-
8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
SLPIN
10.1.10
0
↑
1
-
0
0
0
1
0
0
0
0
(10h)
Sleep in & booster off
SLPOUT
10.1.11
0
↑
1
-
0
0
0
1
0
0
0
1
(11h)
Sleep out & booster on
PTLON
10.1.12
0
↑
1
-
0
0
0
1
0
0
1
0
(12h)
Partial mode on
NORON
10.1.13
0
↑
1
-
0
0
0
1
0
0
1
1
(13h)
Partial off (Normal)
INVOFF
10.1.14
0
↑
1
-
0
0
1
0
0
0
0
0
(20h)
Display inversion off
(normal)
INVON
10.1.15
0
↑
1
-
0
0
1
0
0
0
0
1
(21h)
Display inversion on
0
↑
1
-
0
0
1
0
0
1
1
0
(26h)
Gamma curve select
GAMSET 10.1.16
1
↑
1
-
-
-
-
-
GC3
GC2
GC1
GC0
-
DISPOFF 10.1.17
0
↑
1
-
0
0
1
0
1
0
0
0
(28h)
Display off
DISPON
10.1.18
0
↑
1
-
0
0
1
0
1
0
0
1
(29h)
Display on
0
↑
1
-
0
0
1
0
1
0
1
0
(2Ah)
Column address set
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
XS7
XS
XS5
XS4
XS3
XS2
XS1
XS0
X address start: 0≦S≦X
1
↑
1
-
-
-
-
-
-
-
-
-
CASET
10.1.19
1
↑
1
-
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
X address end: XS≦XE≦
X
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh)
Row address set
1
↑
1
-
-
-
-
-
-
-
-
-
1
↑
1
-
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
Y address start: 0≦YS≦Y
1
↑
1
-
-
-
-
-
-
-
-
-
RASET
10.1.20
1
↑
1
-
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
Y address end:S≦YE≦Y
0
↑
1
-
0
0
1
0
1
1
0
0
(2Ch)
Memory write
RAMWR
10.1.21
1
↑
1
-
D7
D6
D5
D4
D3
D2
D1
D0
Write data
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
Memory read
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
RAMRD
10.1.22
1
1
↑
-
D7
D6
D5
D4
D3
D2
D1
D0
Read data
“-“: Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com