Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 77 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 77 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 76Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 77Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 78Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 79Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 80Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 81Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 167 page
background image
ST7715
V1.5
77
2009-12-04
10.1.2 SWRESET (01h): Software Reset
01H
SWRESET (Software Reset)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
SWRESET
0
↑
1
-
0
0
0
0
0
0
0
1
(01h)
Parameter
No Parameter
-
Description
“-“ Don’t care
-If Software Reset is applied during Sleep In mode, it will be necessary to wait 120msec before sending next
command.
-The display module loads all default values to the registers during 120msec.
-If Software Reset is applied during Sleep Out or Display On Mode, it will be necessary to wait 120msec before sending
next command.
Flow Chart
SWRESET
Set
Commands
to S/W
Default
Value
Display whole
blank screen
Sleep In Mode
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com