Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 110 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 110 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 106Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 107Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 108Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 167 page
background image
ST7715
V1.5
110
2009-12-04
10.1.27 IDMOFF (38h): Idle Mode Off
38H
IDMOFF (Idle Mode Off)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
IDMOFF
0
↑
1
-
0
0
1
1
1
0
0
0
(38h)
Parameter
No Parameter
-
Description
-This command is used to recover from Idle mode on.
-In the idle off mode,
1. LCD can display 4096, 65k or 262k colors.
2. Normal frame frequency is applied.
Default
Status
Default Value
Power On Sequence
Idle Mode Off
S/W Reset
Idle Mode Off
H/W Reset
Idle Mode Off
Flow Chart
Command
Parameter
Display
Action
Mode
Legend
Sequential
transter
Idle on mode
IDMOFF
Idle off mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com