Electronic Components Datasheet Search
  English  ▼

X  

ST7715 Datasheet(PDF) 128 Page - Sitronix Technology Co., Ltd.

Part # ST7715
Description  262K Color Single-Chip TFT Controller/Driver
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7715 Datasheet(HTML) 128 Page - Sitronix Technology Co., Ltd.

Back Button ST7715 Datasheet HTML 124Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 125Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 126Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 127Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 128Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 129Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 130Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 131Page - Sitronix Technology Co., Ltd. ST7715 Datasheet HTML 132Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 167 page
background image
ST7715
V1.5
128
2009-12-04
10.2.6 PWCTR1 (C0h): Power Control 1
C0H
PWCTR1 (Power Control 1)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
PWCTR1
0
↑
1
-
1
1
0
0
0
0
0
0
(C0h)
1
st paramete
1
↑
1
-
0
0
0
VRH4
VRH3
VRH2
VRH1
VRH0
2
nd parameter
1
↑
1
-
0
1
IB_
SEL1
IB_
SEL0
-
0
0
0
Description
-
Set the GVDD voltage
VRH[4:0]
GVDD
00000
0
5.00
00001
1
4.75
00010
2
4.70
00011
3
4.65
00100
4
4.60
00101
5
4.55
00110
6
4.50
00111
7
4.45
01000
8
4.40
01001
9
4.35
01010
10
4.30
01011
11
4.25
01100
12
4.20
01101
13
4.15
01110
14
4.10
01111
15
4.05
10000
16
4.00
10001
17
3.95
10010
18
3.90
10011
19
3.85
10100
20
3.80
10101
21
3.75
10110
22
3.70
10111
23
3.65
11000
24
3.60
11001
25
3.55
11010
26
3.50
11011
27
3.45
11100
28
3.40
11101
29
3.35
11110
30
3.25
11111
31
3.00
Restriction
-If this register not using the register need be reserved.
-The deviation value of GVDD between with Measurement and Specification : Max <= 50mV
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
IB_SEL[1:0]
AVDD
00
0
2.5uA
01
1
2.0uA
10
2
1.5uA
11
3
1.0uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com