Electronic Components Datasheet Search
  English  ▼

X  

AS8228 Datasheet(PDF) 71 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 71 Page - ams AG

Back Button AS8228 Datasheet HTML 67Page - ams AG AS8228 Datasheet HTML 68Page - ams AG AS8228 Datasheet HTML 69Page - ams AG AS8228 Datasheet HTML 70Page - ams AG AS8228 Datasheet HTML 71Page - ams AG AS8228 Datasheet HTML 72Page - ams AG AS8228 Datasheet HTML 73Page - ams AG AS8228 Datasheet HTML 74Page - ams AG AS8228 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 71 of 123
BP1, BP0 allows the selection of one out of 4 protection schemes.
In order to protect against inadvertent programming the user can see these bits. Please note that the protected
range of EEPROM cannot be overwritten via an SCT command there anymore. Reprogramming must be done
with a dedicated program then.
Instruction Set
There must be at least 4 instructions with the coding shown in the table for they are deployed by the bootloader
to download the user program and by the SCT unit to upload the user program to the EEPROM.
Instruction
Name
Instruction
Format
Description
READ
03h
Read data from memory starting with selected address
WRITE
02h
Write data to memory beginning at selected address. Most EEPROMs allow page writing
of pages 16, 32, 64 or even more bytes for faster device programming. Before every
page write operation a WREN instruction must be applied – see also bootloading and
uploading sequence for details.
WREN
06h
Write enable EEPROM, enables write operation
RDSR
05h
Read EEPROM Status register, bit 0 = WIP required for AS8218 / AS8228
SPI Modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of the two following
modes:
-
CPOL = 0, CPHA = 0
-
CPOL = 1, CPHA = 1 (It is recommended to set CPOL = 1, CPHA = 1 in your program: The build-in
bootloader uses this setting as well.)
For these two modes, input data is latched in on the rising edge of Serial Clock (SC), and output data is issued
on the falling edge of Serial Clock (SC).
The recommended mode is shown in Figure 12. The clock polarity SC is ‘1’ when the bus master is in Stand-by
mode and not transferring data (idle state):
-
SC remains at 1 for (CPOL = 1, CPHA = 1)
Figure 12: SPI modes recommended
EEP_SC(in)
EEP_SI(in)
EEP_SO(out
)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com