Electronic Components Datasheet Search
  English  ▼

X  

AS8228 Datasheet(PDF) 104 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 104 Page - ams AG

Back Button AS8228 Datasheet HTML 100Page - ams AG AS8228 Datasheet HTML 101Page - ams AG AS8228 Datasheet HTML 102Page - ams AG AS8228 Datasheet HTML 103Page - ams AG AS8228 Datasheet HTML 104Page - ams AG AS8228 Datasheet HTML 105Page - ams AG AS8228 Datasheet HTML 106Page - ams AG AS8228 Datasheet HTML 107Page - ams AG AS8228 Datasheet HTML 108Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 104 of 123
Bit
Symbol
Function
5
enable_crc Enables checksum functionality during read/write accesses to XDATA address space or
EEPROM. If enabled, a 16-bit checksum word (see Note below) is sent after the data, which is
checked by the SCT (in case of ‘write’) or can be checked by an external component (in case of
‘read’).
0: checksum disabled
1: checksum enabled
4
u2clkoff
Switches off the UART2 clock (which is also running at the highest system frequency ‘mclk’):
0: clock active
1: clock switched off
3
u1clkoff
Switches off the UART1 clock (which is running at the highest system frequency ‘mclk’):
0: clock active
1: clock switched off
2
dam
Select direct access mode for UART1; in case of ‘dam’ input data will no longer be interpreted as
commands.
0: direct access mode off 1: dam on
1
sdmi2_pd
Set power-down for current channel 2 (active high)
0: no power-down
1: I2 powered down
0
afe_pd
Set power-down for the entire analog front end (AFE)
0: AFE powered up
1: AFE powered down
Note: The checksum is calculated using the following formula:
g(x) = x
16 + x12 + x5 + 1
MCUCLKDIV Register (‘mcu_clk’)
The mcu clock divider (mcuclkdiv) divides down the main clock (Mclk) which is the output from the low power
oscillator.
Division of the mcu_clk frequency is provided to enable low power operating modes, for example when the
AS8218 / AS8228 ICs are in a battery operating mode, when VDDD is connected to a battery.
MSB
LSB
-
-
-
-
-
mcuclkdiv.2
mcuclkdiv.1
mcuclkdiv.0
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
Bit2
Bit1
Bit0
Division
0
0
0
Mclk : 1
2
mcuclkdiv.2
0
0
1
Mclk : 2
0
1
0
Mclk : 4
0
1
1
Mclk : 8
1
mcuclkdiv.1
1
0
0
Mclk : 16
1
0
1
Mclk : 32
1
1
0
Mclk : 64
0
mcuclkdiv.0
These bits set the mcu_clk frequency by dividing down
the main clock (Mclk).
1
1
1
Mclk : 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com