Electronic Components Datasheet Search
  English  ▼

X  

AS8228 Datasheet(PDF) 121 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 121 Page - ams AG

Back Button AS8228 Datasheet HTML 115Page - ams AG AS8228 Datasheet HTML 116Page - ams AG AS8228 Datasheet HTML 117Page - ams AG AS8228 Datasheet HTML 118Page - ams AG AS8228 Datasheet HTML 119Page - ams AG AS8228 Datasheet HTML 120Page - ams AG AS8228 Datasheet HTML 121Page - ams AG AS8228 Datasheet HTML 122Page - ams AG AS8228 Datasheet HTML 123Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 121 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 121 of 123
)
mconst
(
Rate
Pulse
LED
)
ref
(
PR
Ni
=
Where PR(ref) is the reference meter constant.
LED Meter Constant (non-standard):
The LED pulses are derived directly from the fast internal pulses (204,800i/kWh) and is specified using the
parameter ‘mconst’ of SREG. If the target meter constant is different from one of the selectable (mconst) meter
constants, the following formula applies:
)
Na
Ni
lev
_
Pulse
Ideal
(
×
Where Ni is calculated using the Target Pulse Rate:
Rate
Pulse
et
arg
T
t
tan
Cons
Meter
ference
Re
Ni
=
NB: For mconst, select a pulse rate close to Target Pulse Rate, so that the Pulse_lev stays within reasonable
limits.
14.
Terminology
AFE
-
Analog front end
CT
-
Current transformer
DSP
-
Digital signal processor
EEPROM
-
Electrically erasable programmable read only memory
I_RAM
-
8051 internal memory
kB
-
kilobyte
LBPx
-
LCD back-plane driver pin
LCD
-
Liquid crystal display
LCDD
-
Liquid crystal display driver
LED
-
Light-emitting diode
LP_DIV
-
Low power divider
LP_OSC
-
Low power oscillator
LSB
-
Least significant bit
LSDx
-
LCD segment driver pin
MCU
-
Microcontroller unit
MDR
-
Meter data register (in DSP block)
MPIO
-
Programmable multi-purpose input/output
MSB
-
Most significant bit
P_ACCU
-
Power accumulator for real power
PF
-
Power factor
PLP
-
Power low pass filter
P_RAM
-
Program memory
PSM
-
Power-supply monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com