Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTCS10.7M Chip Ceramic Filters
Chip Ceramic Filters
LTCS10.7M Low Profile Chip Ceramic Filter
is Murata SFECS10M7 Compatible
Various bandwidths are available including standard and custom bandwidth on request with 30 db Minimum
Spurious Attenuation at (9-12MHz). Maximum Insertion Loss (dB) 3.5±2.0 db ~ 4.5±2.0 db and Input/Output
Impedance 330Ω provide customers select a suitable type in accordance with the desired selectivity.
Custom parts are available on request. Token will also produce devices outside these specifications to meet
specific customer requirements, please contact our sales for more information.
Preview
Token LTCS10.7M Chip Ceramic Filter for FM-
receiver utilizes the latest piezoelectric ceramic
technology enabling the most cost-effective
designs. The LTCS10.7M constructs with
piezoelectric element which is connected in the
sandwich shape by ceramics substrate. With a small
mounting area (3.45±0.2 x 3.1±0.2 mm) and super
thin profile (1.4 mm max.) enables flexible PCB
design. Products conform to the RoHS directive.
Features
- Mountable by automatic placers.
- Storage temperature range: -40 to +85 ( °C ).
- Operating temperature range: -20 to +80 ( °C ).
- Various bandwidths are available. Select a suitable type in accordance with the desired selectivity.
- Slim at only 1.5mm max. thickness, and have a small mounting area enabling flexible PCB design.
Applications
- Small, thin radios.
- Headphone stereos.
TOKEN
05 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com