Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 25 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 25 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
LTC 455/450 Chip Ceramic Filters
Dimensions
Technical Characteristics
7.5Max
6.5
①
Input
①
②
③
②
Output
③
Ground
6.0
455EU
4.0 Max
4.0
6.5
11.5
5.5
7.5 Max
3.0 Max
①
Input
②
Output
③④
Ground
455EW
①
②
③
④
Frequency (KHz)
0
10
20
30
40
50
60
410
0
10
20
30
40
50
60
430
450 460
480
500
410
430
450 460
480
500
Frequency (KHz)
LTC455B
LTC455E
LTC455H
LTC455B
LTC455E
LTC455H
Part
Number
Center
Frequency
(fo)(kHz)
Insertion
Loss
(dB)
max
Pass
Band
Ripple
(dB)
max
6dB
Band
Width
(kHz)
min
40dB
Band
Width
(kHz)
min
LTC455U
50dB
Band
Width
(kHz)
min
LTC455W
Spurious
Attenuation
fo±100kHz
(dB) min
Input
/
Output
Impedance
(Ω)
LTC
455U
LTC
455W
LTC
455U
LTC
455W
LTC
455BU
LTC
455BW
455±1.5
4
4
2
±15.0
±30
±30
27
50
1000
LTC
455CU
LTC
455CW
455±1.5
4
4
2
±12.5
±25
±25
27
50
1000
LTC
455DU
LTC
455DW
455±1.5
4
4
2
±10.0
±20
±20
27
50
1500
LTC
455EU
LTC
455EW
455±1.5
6
4
2
±7.5
±15
±15
27
50
1500
LTC
455FU
LTC
455FW
455±1.5
6
6
2
±6.0
±12
±12
27
47
1500
LTC
455GU
LTC
455GW
455±1.5
6
6
2
±4.5
±10
±10
25
47
1500
LTC
455HU
LTC
455HW
455±1.5
6
6
2
±3.0
±9.0
±9.0
25
47
1500
LTC
455IU
LTC
455IW
455±1.5
6
6
2
±2.0
±7.5
±7.5
25
47
1500
Note: Center frequency 450KHz is also available.
TOKEN
23 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com