Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 31 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 31 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 32Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 33Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 34Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
LT 455/450 U/W Ceramic Filters
Dimensions
Technical Characteristics
①
Input
③
②
①
①
②
③
L455EU
L455EW
7.0
8.0
2.7
0.8
②
Ground
③
Output
7.0
①
②
③
④
⑤
11.0
②③④ Ground
①
Input
⑤
Output
④ ③ ② ①
0.8
2.9 2.9 2.6
⑤
Frequency (KHz)
0
10
20
30
40
50
60
410
0
10
20
30
40
50
60
430
450 460
480
500
410
430
450 460
480
500
Frequency (KHz)
LT455BW
LT455EW
LT455HW
LT455BU
LT455EU
LT455HU
Part
Number
Center
Frequency
(kHz)
Insertion
Loss
(dB)
max
Pass
Band
Ripple
(dB)
max
6dB
Band
Width
(kHz)
min
40dB
Band
Width
(kHz)
max
(LT455U)
50dB
Band
Width
(kHz)
max
(LT455W)
Spurious
Attenuation
fo±100kHz
(dB) min
Input
/
Output
Impedance
(Ω)
(LT
455 U)
(LT
455 W)
LT455AU
LT455AW
455±2.0
4
2
±17.5
±40
±35
28
40
1000
LT455BU
LT455BW
455±2.0
4
2
±15
±30
±30
28
40
1500
LT455CU
LT455CW
455±2.0
4
2
±12.5
±24
±24
28
40
1500
LT455DU
LT455DW
455±1.5
4
2
±10
±20
±20
28
40
1500
LT455EU
LT455EW
455±1.5
6
2
±7.5
±15
±15
28
40
1500
LT455FU
LT455FW
455±1.5
6
2
±6
±12.5
±12.5
28
40
2000
LT455GU
LT455GW
455±1.5
6
2
±4.5
±10
±10
28
40
2000
LT455HU
LT455HW
455±1.0
6
2
±3
±9
±9
28
40
2000
LT455IU
LT455IW
455±1.0
6
2
±2
±7.5
±7.5
28
40
2000
LT455HTU LT455HTW 455±1.0
6
2
±3
±9
±9
35
60
2000
Note: Center frequency 450kHz is also available.
TOKEN
29 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com