Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 16 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 16 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
LT MB Ceramic Filters for TV/VCR Stage
Dimensions
FM Receiver (Murata SFE10M7 FM-IF Compatible) Technical Characteristics
5.0max
10.0max
LT6.5MB
0.5±0.1
0.3±0.1
2.5±0.3
2.5±0.3
③
②
①
①
Input
②
Ground
③
Output
Frequency(MHz)
LT4.5MB
0
10
20
30
4.1 4.3 4.5 4.7 4.9
Part
Number
Nominal
Center Frquency
(fo) (MHz)
3dB
Band Width
(kHz) min
20dB
Band Width
(kHz) max
Insert
Loss
(dB) max
Spurious
Attenuation
(dB) min
Input/Output
Impedance
(Ω)
LT4.5MB
4.500
fo±60
530
6.0
20(4.5
MHz)
1000
LT5.5MB
5.500
fo±75
550
6.0
25(5.5±1MHz)
600
LT6.0MB
6.000
fo±80
600
6.0
25(6.0±1MHz)
470
LT6.5MB
6.500
fo±80
630
6.0
25(6.5+1MHz)
30(6.5-1MHz)
470
+0.8
-1.0
TOKEN
14 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com