Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 15 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 15 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
LT MB Ceramic Filters for TV/VCR Stage
Ceramic Filters
for TV/VCR Stage
Ceramic Filters for TV/VCR Stage
(Murata SFE MB Compatible) 4.5 MHz ~ 6.5 MHz
Preview
Token utilizes the latest piezo filter technology enabling the most cost-effective designs in manufacturing LT
MB series. The ceramic filter is primarily designed for piezoelectric lines and conform to the RoHS directive
and Lead-free. Ceramic filters for TV/VCR stage LT MB series can be customed designs and tighter tolerances
available on request.
Application of ceramic filters specific designs also available including different piezo band-pass devices and Q
specifications adjusted to frequency requirements. Token ceramic filters can supply you high performance, high
quality and stability.
Token ceramic filters LT MB series are a high selectivity filter for 2 channel multi-sound TV. Features with
frequency adjustment-free, high performance and durability, and high selectivity.
Benefit Features
- Excellent spurious suppression characteristics within video signal band.
- Available 4 pass bandwidth variation to meet various requests.
- Low profile (H = 10.0mm max.).
TOKEN
13 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com