Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 12 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 12 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
LT10.7M Ceramic Filters for FM Receiver
Dimensions
FM Receiver (Murata SFE10M7 FM-IF Compatible) Technical Characteristics
Color 2
Color 1
7.0±2.0
0.3±0.1
2.5±0.3
2.5±0.3
0.5±0.1
2.5±0.3
Color 1:A5,S2,JA10
Color 2:S3,HY
①
Input
②
Ground
③
Output
4.0max
L10.7A
③
②
①
Part
Number
3dB Band Width
(kHz)
20dB Band Width
(kHz) max
Insertion Loss
(dB) max
Spurious Attenuation
(9-12MHz)(dB)min
LT10.7MA5
280±50
650
6
30
LT10.7MS2
230±50
600
6
40
LT10.7MS3
180±40
520
7
40
Note: Input/Ouput Impedance:330Ω
Low - Loss Type (Murata SFE10M7 A10 Compatible) Technical Characteristics
PartNumber
3dB Band
Width(kHz)
20dB Band
Width(kHz) max
Insertion Loss(dB)
Spurious
Attenuation
(9-12MHz)(dB)min
LT10.7MA5A10
280±50
590
2.5±2.0
30
LT10.7MS2A10
230±50
520
3.0±2.0
35
LT10.7MS3A10
180±40
470
3.5±1.5
35
LT10.7MJA10
150±40
360
4.5±2.0
35
Note:
Input/Ouput Impedance:330Ω
Wide/Narrow Band-width (Murata SFE10M7 DBS Receiver Compatible) Technical Characteristics
Part
Number
3dB Band Width
(kHz)
20dB Band Width
(kHz) max
Insertion Loss
(dB)
Spurious Attenuation
(9-12MHz)(dB)min
LT10.7MA19
350min
950
3.0±2.0
20
LT10.7MA20
330±50
680
4.0±2.0
30
LT10.7MHY
110±30
350
7.0±2.0
30
LT10.7MFP
20min
95
6.0max
24(10.7±1.0MHz)
Note: Input/Ouput Impedance:470Ω(MA19),330Ω(MA20,MHY),600Ω(MFP)
TOKEN
10 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com