Electronic Components Datasheet Search
  English  ▼

X  

LT10.7MS2DP Datasheet(PDF) 40 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2DP
Description  Filters for FM ,TV/VCR Stage, Communication
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2DP Datasheet(HTML) 40 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2DP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. LT10.7MS2DP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
MLT Miniature Ceramic Filter for AM
Dimensions
Technical Characteristics
Back to 1st Page - Ceramic Filter Miniature for AM - LT 455JR
Recommended IFT (7mm Square)
7.0
LT465A
2.5
② Ground
①
2.5
③ Output
① Input
②
③
3.6
IFT+LT455JR
Frequency (MHz)
0
10
20
40
435
445
455
465
475
Part
Number
3dB Band Width
(kHz)
Selectivity ±9kHz off
(dB)
Insertion Loss
(dB)
Composition
LT 455JR
5.5±1.5
≥17
≤6
2 elements
Note: Center Frequency (fo) is available in a range of 450 ~ 470kHz.
The nominal frequency tolerance is ± 2kHz.
Item
7×7mm
5×5mm
Winding Specification
Form bottom
①
~②
②
~③
④
~⑥
①
~②
②
~③
④
~⑥
85T
67T
23T
84T
98T
33T
unloaded Qu
90
65
Tuning Capacity
180PF
180PF
How to Order
LT 455JR
P
Part Number
Package
TOKEN
38 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com